Part Number Hot Search : 
CXD3030 NTE74H00 HER308 A3010 33EEW P1504 01400 BLV945A
Product Description
Full Text Search
 

To Download DUAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DUAL series ? independently controlled DUAL output solid-state relay ? ratings from 25a to 40a @ 24-530 vac ? industry standard package ? scr output for heavy industrial loads ? dc control ? zero-crossing (resistive loads) or random-fire (inductive loads) output product selection control voltage 25a 40a 4-15 vdc d2425d d2440d 15-32 vdc d2425de d2440de 4-15 vdc h12d4825d h12d4840d 15-32 vdc h12d4825de h12d4840de available options output specifications (1) description d2425xx d2440xx h12d4825xx h12d4840xx operating voltage (47-63hz) [vrms] 24-280 24-280 48-530 48-530 transient overvoltage [vpk] 600 600 1200 1200 maximum off-state leakage current @ rated voltage [marms] 10 10 10 10 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 maximum load current (3) [arms] 25 40 25 40 minimum load current [arms] 0.15 0.15 0.15 0.15 maximum 1 cycle surge current (50/60hz) [apk] 239/250 597/625 239/250 597/625 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 1.02 0.63 1.02 0.63 maximum 1/2 cycle i2t for fusing (50/60 hz) [a2 sec] 285/259 1779/1621 285/259 1779/1621 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5
input specifications (1) description d24xxd h12d48xxd e-suffix control voltage range 4-15 vdc 4-15 vdc 15-32 vdc minimum turn-on voltage 4.0 vdc 4.0 vdc 15.0 vdc minimum turn-off voltage 1.0 vdc 1.0 vdc 1.0 vdc typical input current @ 5 vdc (@ 24 vdc for e-suffix) 13 ma 13 ma 15 ma nominal input impedance 300 ohm 240 ohm 1500 ohm maximum turn-on time [msec] (4) 1/2 cycle 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 10 pf ambient operating temperature range -40 to 80c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5g) encapsulation thermally conductive epoxy terminals .25" fastons, .025" square pins general notes 1) all parameters at 25c and per section unless otherwise specified. 3) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) heat sinking required, for derating curves see next page. 4) turn-on time for random turn-on (-10) versions is 0.1 msec mechanical specifications
wiring diagram thermal derate information agency approvals designed in accordance with the requirements of iec 62314 e116949 (except 15-32vdc control) lr81689 (240 v, 4-15vdc control only) 5902 ug rev. 121211

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of DUAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X